Part Number Hot Search : 
TIP125 DE1E3KX STK400 SZ3C180 861ZIC GC11822R OMR184NH MPQ6502
Product Description
Full Text Search
 

To Download T10A110BXX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sidactor ? protection thyristors 176 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) t10a series - do-15 electrical characteristics t10a series are sidactor ? devices designed protect baseband equipment such as modems, line cards, cpe and dsl from damaging overvoltage transients. the series provides a cost effective through-hole solution that enables equipment to comply with global regulatory standards. description features and bene?ts t low voltage overshoot t low on-state voltage t does not degrade with use t fails short circuit when surged in excess of ratings t low capacitance agency approvals agency agency file number e128662 schematic symbol pinout designation part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amp capacitance @ 1mhz, 2v bias v min v max ma min ma max a max v max pf typ t10a060bxx t10a060b 50 84 120 800 2.2 4 50 t10a060exx t10a060e 50 84 180 800 2.2 4 50 t10a062xx t10a062 56 86 150 800 2.2 4 50 t10a068xx t10a068 61 94 150 800 2.2 4 50 t10a080bxx t10a080b 70 125 120 800 2.2 4 43 t10a080exx t10a080e 70 125 180 800 2.2 4 43 t10a100xx t10a100 90 140 150 800 2.2 4 43 T10A110BXX t10a110b 100 142 120 800 2.2 4 38 t10a110exx t10a110e 100 142 180 800 2.2 4 38 t10a120xx t10a120 108 168 150 800 2.2 4 38 t10a130xx t10a130 117 178 150 800 2.2 4 38 t10a140bxx t10a140b 120 178 120 800 2.2 4 34 t10a140exx t10a140e 120 178 180 800 2.2 4 34 t10a180xx t10a180 170 220 150 800 2.2 4 34 t10a180bxx t10a180b 170 220 120 800 2.2 4 32 t10a180exx t10a180e 170 220 180 800 2.2 4 32 t10a200xx t10a200 180 275 150 800 2.2 4 30 t10a220xx t10a220 200 275 150 800 2.2 4 30 applicable global standards t tia-968-a t tia-968-b t itu k.20/21 enhanced level* t itu k.20/21 basic level t gr 1089 inter-building* t gr 1089 intra-building t iec 61000-4-5 t yd/t 1082 t yd/t 993 t yd/t 950 *a-rated parts require series resistance not applicable table continues on next page.
sidactor ? protection thyristors 177 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) package symbol parameter value unit do-15 t j operating junction temperature range up  c t s storage temperature range up  c r 0 ja thermal resistance: junction to ambient 120 c/w thermal considerations surge ratings series i pp i tsm 50/60 hz di/dt 8x20 1 1.2x50 2 5x310 1 10x700 2 10x1000 1 10x1000 2 a min a min a min a min a/s max a 100 37.5 50 20 100 electrical characteristics (continued) part number marking v drm @l drm =5a v s @100v/s i h i s i t v t @i t =2.2 amp capacitance @ 1mhz, 2v bias v min v max ma min ma max a max v max pf typ t10a220bxx t10a220b 200 275 120 800 2.2 4 30 t10a220exx t10a220e 200 275 180 800 2.2 4 30 t10a240xx t10a240 216 330 150 800 2.2 4 30 t10a270xx t10a270 245 370 150 800 2.2 4 30 t10a270bxx t10a270b 245 370 120 800 2.2 4 30 t10a270exx t10a270e 245 370 180 800 2.2 4 30 i h i t i s i drm v drm v t +v -v +i -i v s 50 100 0 t r t d 0 peak value half value t C time (s) i pp C peak pulse current C %i pp t r = rise time to peak value t d = decay time to half value waveform = t r x t d v-i characteristics t r x t d pulse waveform notes: 1 current wavef orm in s 2 voltage wavef orm in s notes: t"ctpmvufnbyjnvnsbujohtnfbtvsfebu5 a = 25oc (unless otherwise noted). t%fwjdftbsfcjejsfdujpobm vomfttpuifsxjtfopufe
 t xx 1bsu/vncfs4vgmti rp w 3ffm1bdl
ps blank (bulk pack) - peak pulse current rating (i pp ) is repetitive and guaranteed for the life of the product. - i pp sbujohtbqqmjdbcmfpwfsufnqfsbuvsfsbohfpg?$up ?$ - the device must initially be in thermal equilibrium with -40c < t j <  ?$
sidactor ? protection thyristors 178 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) 25c case temperature (t c ) - oc 2.0 1. 8 1. 6 1. 4 1. 2 1. 0 0.8 0.6 0.4 -40 -20 0 20 40 60 80 100 120 140 160 ratio of i h i h (t c = 2 5 oc) normalized v s change vs. junction temperature normalized dc holding current vs. case temperature soldering parameters time temperature t p t l t s(max) t s(min) 25 t p t l t s time to peak temperature (t 25oc to peak) ramp-down ramp-up preheat critical zone t l to t p figure 1 re?ow condition pb-free assembly (see fig. 1) pre heat - temperature min (t s(min) ) ?$ - temperature max (t s(max) ) ?$ - time (min to max) (t s ) 60-180 secs. average ramp up rate (liquidus temp (t l ) to peak) 3c/sec. max. t s(max) to t l - ramp-up rate 3c/sec. max. re?ow - temperature (t l ) (liquidus) ?$ - temperature (t l ) 60-150 secs. peak temp (t p )  
?$ time within 5c of actual peak temp (t p ) 30 secs. max. ramp-down rate 6c/sec. max. time 25c to peak temp (t p ) 8 min. max. do not exceed ?$ -8 -40 -20 0 20 40 60 80 100 120 140 160 -6 -4 0 2 4 6 8 10 12 14 junction temperature (t j ) C c percent of v s change C % 2 5 c physical speci?cations environmental speci?cations lead material copper alloy terminal finish 100% matte-tin plated body material ul recognized epoxy meeting ?ammability classi?cation 94v-0 high temp voltage blocking 80% rated v drm (v ac peak
 ?$ps ?$  504 or 1008 hrs. mil-std-750 (method 1040) jedec, jesd22-a-101 temp cycling ?$up ?$ njoexfmm vqup cycles. mil-std-750 (method 1051) eia/jedec, jesd22-a104 biased temp & humidity 52 v dc  ?$
3) vqupist&*" jedec, jesd22-a-101 high temp storage ?$ist.*-45% .fuipe
 jedec, jesd22-a-101 low temp storage -65c, 1008 hrs. thermal shock ?$up ?$ njoexfmm tfdusbotgfs  10 cycles. mil-std-750 (method 1056) jedec, jesd22-a-106 autoclave (pressure cooker test) ?$ 3) bun vqupist&*" jedec, jesd22-a-102 resistance to solder heat ?$ tfdt.*-45% .fuipe
moisture sensitivity level 3)  ?$ ist sfnpxdzdmft ?$1fbl
+&%&$+45%  -fwfm
sidactor ? protection thyristors 179 revised: february 22, 2011 ? 2011 littelfuse, inc. speci?cations are subject to change without notice. please refer to www.littelfuse.com for current information. baseband protection (voice-ds1) packing options package type description packaging quantity added suf?x industry standard t10a do-15 tape and reel pack 1000 rp eia-rs-296-d do-15 bulk pack 500 n/a n/a tape and reel speci?cation do-1 5 spacing off center, either side 0.039 (1.0) b c a d e recess depth max 0.7 5 2. 55 (64.8) t yp 3.1 5 (80.0) t yp dimensions are in inches (and millimeters). direction of feed g f symbols description inches mm a component spacing (lead to lead) ?w 5.08 0.508 b inner tape pitch ?w 52.37 1.498 c tape width w 6.35 d max. off alignment w 1.219 e reel dimension w 330.2 f max. hub recess w 76.19 g max. abor hole w 17.27 part marking part numbering median voltage packing options blank: bulk rp: reel pack type t10a = sidactor t 10a series t10a xxx x xx holding current: blank: 1 5 0ma b: 120ma e: 180ma t10axxxx part marking code (refer to electrical characteristics table) xxxxx date code dimensions do-1 5 l l g d b dimension inches millimeters min max min max b 0.028 0.034 0.711 0.864 d 0.12 0.14 3.048 3.556 g 0.235 0.27 5.969 6.858 l 1 25.4


▲Up To Search▲   

 
Price & Availability of T10A110BXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X